Part Number Hot Search : 
54HC154 SFM9110 F4N60 MEM1608 CZRB3110 74LVC132 ON0272 10220
Product Description
Full Text Search
 

To Download SOD523 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
Micro Commercial Components 20736 Marilla Street Chatsworth CA 91311 Phone: (818) 701-4933 Fax: (818) 701-4939
ESD3V3D5 Thru ESD12VD5
3.3V~12Volts ESD Protection Devices
SOD523
A B
Features
* * * * * * * For sensitive ESD protection Excellent clamping capability Low leakage ESD rating of class 3(>16KV)per Human Body Mode For space saving application Fast response ,response time less than 1ns.
Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL rating1
Maximum Ratings
* * Operating Junction &StorageTemperature: -55C to +150C Maximum Thermal Resistance: 625C/W Junction To Ambient Symbol Air Contact Limits 30 30 16 400 200 unit KV KV V mw
C E G
Parameter IEC61000-4-2(ESD)
ESD Voltage per human body mode per machine mode Power Dissipation
Pd
D
F H
DIMENSIONS INCHES DIM A B C D E F G H MIN .059 .043 .030 .001 .010 .003 .020 .020 MAX .067 .051 .033 .003 .014 .006 .028 .031 MIN 1.50 1.10 0.75 0.01 0.25 0.08 0.50 0.51 MM MAX 1.70 1.30 0.85 0.07 0.35 0.15 0.70 0.77 NOTE
Revision: 3
www.mccsemi.com
1 of 3
2009/10/20
MCC
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Micro Commercial Components
TM
Symbol
IPP VC VRWM IR VBR IT IF VF Ppk C
Parameter
Maximum Reverse Peak Pulse Current Clamping Voltage @ IPP Working Peak Reverse Voltage Maximum Reverse Leakage Current @ VRWM Breakdown Voltage @ IT Test Current Forward Current Forward Voltage @ IF Peak Power Dissipation Max. Capacitance @VR=0 and f =1MHz
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted, VF = 0.9 V Max. @ IF = 10mA for all types)
VC IR (A) Device Device* Marking Max ESD3V3D5 ESD5V0D5 ESD7V0D5 ESD12VD5 Max Min mA VRWM (V) @ VRWM VBR (V) @ IT(Note 2) IT @IPP+ = 5A V Max Max Max Typ IPP(A) + IPP+ VC (V) @Max Ppk + (W) C (pF)
ZE ZF ZH ZM
3.3 5.0 7.0 12
0.08 0.08 0.03 0.02
5.0 6.2 7.5 14.1
1.0 1.0 1.0 1.0
9.4 11.6 13.5 23
11.2 9.4 8.8 9.6
14.1 18.6 22.7 29
158 174 200 240
105 80 65 55
+Surge current waveform per Figure 1. 2. VBR is measured with a pulse test current IT at an ambient temperature of 25C.
TYPICAL CHARACTERISTICS
Revision: 3
www.mccsemi.com
2 of 3
2009/10/20
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-TP Packing Tape&Reel;3Kpcs/Reel
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
Revision: 3
www.mccsemi.com
3 of 3
2009/10/20
2


▲Up To Search▲   

 
Price & Availability of SOD523

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X